Part Number Hot Search : 
1W06GM P2600SL 1N5264UR MC33071 MUR16 FOA5401 PDZ10B TIP29C
Product Description
Full Text Search
 

To Download TFM-105-02-S-D Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  (1,27 mm) .050" tfm, tfml series (1,27 mm x 1,27 mm) .050" x .050" micro pitch tfml?115?02?l?d?k tfm?110?02?l?d?lc tfm?115?02?l?s surface mount or through-hole tails tfm?110?01?l?d?re1?wt shrouded body for blind mating www.samtec.com no. pins per row 1 note: some sizes, styles and options are non-standard, non-returnable. f-213-1 specifications type strip note: other gold plating options available. contact samtec. smt & through-hole header ? system tfm mates with: sfm, sfmc, sfsd tfml mates with: sfml, sfsd (?xl option), sfsdt (?xl option) tfm-dh mates with: sfm (-dh), sfmc, sfsdx (?s, -d, -sr, -dr) tfm = standard tfml = locking (?01 & ?02 lead style only) 04, 06, 08 (tfm & ?01 only) 05, 07, 10, 15, 20, 25, 30, 35, 40, 45, 50 (call samtec for other sizes) plating option ?l = 15" (0,38 m) gold on post, matte tin on tail (call samtec for e.l.p. plating option) specify lead style from chart for complete speci? cations and recommended pcb layouts see www.samtec.com?tfm or www.samtec.com?tfml insulator material: black liquid crystal polymer terminal material: phosphor bronze plating: au or sn over 50" (1,27 m) ni voltage rating: 250 vac mated with sfm operating temp range: -55c to +125c rohs compliant: ye s processing: lead-free solderable: ye s smt lead coplanarity: (0,10 mm) .004" max (05-25) (0,15 mm) .006" max (30-50) lead style mated height* tfm sfm ?02 ?02 (6,35) .250 ?12 (8,13) .320 ?22 (9,91) .390 ?32 (11,81) .465 lead style mated height* tfm sfm ?01 ?01 (5,97) .235 ?03 (5,97) .235 ?11 (7,75) .305 ?13 (7,75) .305 ?21 (9,53) .375 ?23 (9,53) .375 ?31 (11,43) .450 *processing conditions will affect mated height. mated height current rating (per contact) ambient temp tfm/sfm 20c 5a 40c 4.5a 60c 3.9a 95c 2.6a 6 positions (2x3) powered lead style through-hole surface mount ?wt (?01 & ?02 only) (0,36) .014 (0,46) .018 dia (1,27) .050 (2,79) .110 (1,27) .050 x no. of positions + (3,18) .125 (see website for ?ds & ?wt oal) a (1,42) .056 (1,40) .055 (1,27) .050 dia (1,14) .045 (2,35) .093 (0,64) .025 (5,72) .225 (1,27) .050 (4,45) .175 b c ?rex = (1,27) .050 x no. of positions + (6,68) .263 ?lc (smt or th) double row single row ?a (smt or th) cost-saving applications see tfc series for lower cost plating options. extended life product 10 year mixed flowing gas with 30" gold tm 1,000 cycles when mated with sfm applications tfm-dh to sfm-dh shown tfm to sfm-sh shown lead style (t/h) bc ?01 (5,59) .220 (1,97) .078 ?03* (5,59) .220 (2,77) .109 ?11* (7,37) .290 (1,97) .078 ?13* (7,37) .290 (2,77) .109 ?21* (9,14) .360 (1,97) .078 ?23* (9,14) .360 (2,77) .109 ?31* (11,05) .435 (1,97) .078 * n/a with 07 or -s row option lead style (smt) a ?02 (5,72) .225 ?12* (7,49) .295 ?22* (9,27) .365 ?32* (11,18) .440 * n/a with 07, -dh or -s row option
(1,27 mm) .050" pitch shrouded body for blind mating surface mount or through-hole tails tfml?150?01?l?d?lc tfm?125?01?l?d?wt tfm?110?02?l?d?ds screw down option weld tab option tfm?105?01?l?d?ra tfm?110?02?l?dh?wt mates with sfm for coplanar and perpendicular mating ? passes 10 year mfg ? locking option ? locking clip option ? weld tab option ? screw down option www.samtec.com application specific option solder nail option available. call samtec. option row option ?s = single row (tfm only) ?d = double row ?dh = double horizontal (tfm lead style ?02 only) (05 thru 50 positions only) (?wt standard; ?tr option only available) (1,91) .075 (0,51) .020 (1,27) .050 (6,48) .255 (1,99) .079 (3,81) .150 (0,76) .030 (2,26) .089 ?re1 & ?re2 ?ra specify only ?ra, ?re1 or ?re2 ?ra = right angle (lead style ?01 only) ?re1 = right angle elevated for (1,58 mm) .062" pcb (requires tfm lead style ?01, ?d row and ?wt) ?re2 = right angle elevated for (2,36 mm) .093" pcb (requires tfm lead style ?01, ?d row and ?wt) smt lead styles only specify only ?k or ?p ?k = polyimide film pick & place pad ?p = plastic pick & place pad (5 positions minimum) specify ?tr last ?tr = tape & reel (not available with ?ds) ?dh ?ds (?d, ?01 & ?02 only) specify only ?a, ?lc, ?ds or ?wt not available with ?ra, ?re1 and ?re2 unless otherwise noted. ?a = alignment pin ?lc = locking clip (manual placement required) ?ds = dual screw down for (1,60 mm) .062" pcb (05, 07, 10, 15, 20, 25, 30, 35, 40 positions only) (tfm lead styles ?01 and ?02 only) (requires ?d row option) (mates with sfm?ds option and sfsd/sfsdt ?ss and ?ds option only) ?wt = weld tab (tfm lead styles ?01 and ?02 only) (standard with ?dh) (mates to sfss/sfsd ?sr and ?dr option only) (05, 07, 10, 15, 20, 25, 30, 35, 40, 45, 50 positions only)


▲Up To Search▲   

 
Price & Availability of TFM-105-02-S-D

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X